Part Number Hot Search : 
CD4039A M8085AH ZD75V0 REF02DZ 50N06 XP4506 LT1367CS LF05A08
Product Description
Full Text Search
 

To Download BAS70W1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BAS70W BAS70W-04 BAS70W-05 BAS70W-06
Lead-free Green
BAS70W/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
* * * * * * * * * * * * * *
Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
BC A
SOT-323 Dim A B C D
G H K M
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking: See Diagrams Below & Page 3 Weight: 0.006 grams (approximate)
J D E L
0.65 Nominal
E G H J K L M a
TOP VIEW
All Dimensions in mm
BAS70W Marking: K73
BAS70W-04 Marking: K74
BAS70W-05 Marking: K75
BAS70W-06 Marking: K76
Maximum Ratings and Electrical Characteristics, Single Diode @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ tp < 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IF IFSM Pd RqJA Tj TSTG @ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 70 -- 3/4 3/4 -- Max -- 410 1000 100 2.0 5.0 Unit -- mV nA pF ns Test Condition IR = 10mA tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, Irr = 0.1 x IR, RL = 100W Value 70 49 70 100 200 625 -55 to +125 -65 to +150 Unit V V mA mA mW C/W C C
Electrical Ratings
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30113 Rev. 11 - 2
1 of 3 www.diodes.com
BAS70W/ -04/ -05/ -06
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (mA)
100
TA = 125C TA = 75C TA = 25C
10
1.0
TA = 0C
0.1 0 0.2 0.4
TA = -40C
0.6
0.8
1.0
1.2
1.4
1.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
IR, INSTANTANEOUS REVERSE CURRENT (nA)
10000
TA = 125C
1000
TA = 75C
100
10
TA = 25C
TA = 0C
1
TA = -40C
0.1 0 10 20 30 40 50 60 70 VR, REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
1.8 1.6
250
Note 1
f = 1.0MHz
Pd, POWER DISSIPATION (mW)
40
CT, TOTAL CAPACITANCE (pF)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35
200
150
100
50
0 0 40 80 120 160 200 TA, AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve, Total Package
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance
DS30113 Rev. 11 - 2
2 of 3 www.diodes.com
BAS70W/ -04/ -05/ -06
Ordering Information
Device BAS70W-7-F BAS70W-04-7-F BAS70W-05-7-F BAS70W-06-7-F
Notes:
(Note 5 and 6) Packaging SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KXX
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R March 3 2005 S
KXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2006 T Apr 4 May 5
2007 U Jun 6
2008 V Jul 7
2009 W Aug 8 Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30113 Rev. 11 - 2
3 of 3 www.diodes.com
BAS70W/ -04/ -05/ -06


▲Up To Search▲   

 
Price & Availability of BAS70W1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X